Part Number Hot Search : 
5SERI 22NF03 20120 SFL044J MAX14 AOT1608L NHSA046 1N6268
Product Description
Full Text Search
 

To Download PC10L-50-1A-12-NIL-D-R-X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3220 commander drive, suite 102 carrollton, tx 75006 www.pickercomponents.com sales: (972) 713 - 6272 (888) 997 - 3933 fax: (972)735 - 0964 e - mail: sales@pickercomponents.com dimensions are listed for reference purposes only. sp ecifications and availability subject to change without notice. pc10l C 50 rev b 2/08/2016 1 of 2 50 amp latching pcb relay pc10l - 50 contact data maximum switching power 12,500 va maximum switching voltage 440 vac maximum switching current 50 a 10 ma @ 6 vdc & 25oc minimum operating contact current 100 ma @ 6 vdc over operating temp. material agsno 2 initial contact resistance 20m? initial service life mechanical 5 x 10 6 operations electrical 1 x 10 5 operations features ? energy saving latching operation ? 50 amp switching capacity ? 5,000 watt lamp load @ 240 vac ? 5 hp @ 277 vac motor load ? max inrush current 200 amp for 2 ms ? single or dual coil ? manual switch on top ? 39.0 x 25.0 x 15.0 mm package dimensions ? 5.0 mm shorter than completion's version ? rohs compliant ordering information characteristics operate time 15 ms release time 15 ms insulation resistance 1,000 m? min at 500 vdc dielectric strength 50 hz 4,000 v 1 min. between coil and contact 50 hz 1,500 v 1 min. between contacts shock resistance 98 m/s 2 11 ms functional 980 m/s 2 11 ms survival power consumpton single coil: 1.5 w: double coil: 2 x 3.0 w creep 8 mm terminal strength 10 n vibration resistance 10 - 55 hz double amplitude 1.5 mm operating temperature - 40 to 70 c storage temperature - 40 to 125 c solderability 235 oc 2c 3 sec 0.5 sec relative humidity 85% at 40c weight 25 grams example: pc10l - 50 - 1a - 3 - nil - d - r - x model: pc10l - 50 contact form: 1a coil voltage: 3, 9, 12, 24, 48 enclosure: nil : dust cover coil: nil : single coil 1.5 w, d : double coil 2 x 3.0 w polarity: nil : standard, r : reverse polarity rohs compliant: - x box quantity: 1000 ; inner box 500 e93379 load type voltage 1 form a (spst - no) resistive 6,000 cycles 277 vac 50 a incandescent lamp 3,000 cycles 240 vac 5,000 w incandescent lamp 3,000 cycles 277 vac 16 a electronic ballast 6,000 cycles 280 vac 16 a motor load 3,000 277 vac 5 hp ul approvals general purpose 277 vac 50 a
3220 commander drive, suite 102 carrollton, tx 75006 www.pickercomponents.com sales: (972) 713 - 6272 (888) 997 - 3933 fax: (972)735 - 0964 e - mail: sales@pickercomponents.com dimensions are listed for reference purposes only. sp ecifications and availability subject to change without notice. pc10l C 50 rev b 2/08/2016 2 of 2 pc10l - 50 pc10l - 50 coil data coil voltage coil power must operate voltage max (vdc) resistance (ohms 10%) rated maximum single coil 1.5 watts dual coil 2 x 3.0 watts 6 7 24 12 + 12 4.8 9 10.6 54 27 + 27 7.2 12 14.4 96 48 + 48 9.6 24 28.8 384 192 + 192 19.2 48 56 1,536 768 + 768 38.4 dimensions (inches/mm) side view of relay wire diagrams 1a 1a reverse 1a dual 1a dual re- pulse magnitude 50 ms; notes: with the dual coil version, the latch and reset coils should not be pulsed at the same time for it is possible to set the rel ay into a magnetically neutral position. coils should not be pulsed with less than the rated coil voltage and the pulse width should be a minimum of three times the s pec ified operate time. if not, it is possible for the relay to settle in a magnetically neutral position. dimensions are in mm, inches are listed for reference only. bottom view of relay pc board layout top view top view of relay


▲Up To Search▲   

 
Price & Availability of PC10L-50-1A-12-NIL-D-R-X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X